PART |
Description |
Maker |
ZXLD1366QEN8TC |
HIGH ACCURACY 1A, 60V LED DRIVER WITH AEC-Q100
|
Diodes
|
ZXLD1366QEN8TC |
AUTOMOTIVE COMPLIANT HIGH ACCURACY 1A, 60V LED DRIVER
|
Diodes Incorporated
|
ZXLD1370EST16TC |
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER WITH AEC-Q100
|
Diodes Incorporated
|
ZXLD1370 744770933 SBR10U45SP5 ZXMN6A09K SMD0805 S |
60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
|
Diodes Incorporated
|
AL1677-08BS-13 AL1677-20BS-13 AL1677-10BS-13 AL167 |
UNIVERSAL, HIGH EFFICIENCY AND ACCURACY LED DRIVER CONVERTER
|
Diodes Incorporated
|
HV9911 HV9911NG-G |
Switch-mode LED Driver IC with High Current Accuracy
|
SUTEX Supertex, Inc
|
EC4188B |
High Power Factor & Accuracy Constant Current LED Driver
|
E-CMOS Corporation
|
SP7616ER-L SP7616 SP7616ER-L/TR |
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
|
Exar Corporation
|
LNJ816C8DRU |
High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator SINGLE COLOR LED, ORANGE, 1.2 mm
|
Panasonic, Corp.
|
ADP3301AR-3-REEL ADP3301ARZ-5-REEL ADP3301AR-2.7-R |
3.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 SOP-8 High Accuracy anyCAP100 mA Low Dropout Linear Regulator High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Variable Resolution Resolver-to-Digital Converter High Accuracy anyCAP?/a> 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
ANALOG DEVICES INC Analog Devices, Inc.
|
2SA1290 |
60V/7A High-Speed Switching Applications 60V/7A高速开关应
|
Sanyo Electric Co., Ltd. Sanyo Semicon Device
|
MAX801 MAX801CPA MAX801CSA MAX801EPA MAX801ESA MAX |
Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.425V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. CMOS RAM write protection.. 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin µP Supervisory Circuits with ±1.5% Reset Accuracy 8-Pin μP Supervisory Circuits with ±1.5eset Accuracy 8-Pin P Supervisory Circuits with 1.5eset Accuracy From old datasheet system 8-Pin レP Supervisory Circuits with 【1.5eset Accuracy 5015 RR 3#8 SKT RECP 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚レP监控电路与精度1.5eset 8-Pin レP Supervisory Circuits with 1.5eset Accuracy 8引脚微处理器监控电路,提amp;plusmn;1.5%的复位门限精 Interface IC 1-CHANNEL POWER SUPPLY SUPPORT CKT, CDIP8 Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.575V. Watchdog. Supervisory circuit with -1.5% reset accuracy. Reset threshold(typ) 4.675V. CMOS RAM write protection..
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|